Part Number Hot Search : 
P1504 D4812 35K004A D4812 CB10D2L0 88M009 GJ1182 MJ15026
Product Description
Full Text Search
 

To Download SDR0603KTE330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technology of tomorrow inductors 64 products with pb-free terminations meet rohs requirements specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. europe gmbh ?kaddenbusch 6 ?d-25578 d?geling / itzehoe ?phone: +49 (0) 48 21/89 89-0 ?fax: +49 (0) 48 21/89 89 89 ?interne t: www.koaeurope.de l-frequency characteristics black, 3 digits and marking dot ferrite core power choke coil sdr features large permissible dc current and low dc resistance small surface area allows high mounting density operating temperature range: - 20 c ... + 80 c measuring frequency: 1khz suitable for reflow soldering identification marking dimensions (mm) type a ? c f (typ.) sdr0603 5.6 0.2 3.7 0.3 1.8 sdr0604 5.6 0.2 4.5 0.3 1.8 sdr0805 7.5 0.3 5.0 0.3 2.6 sdr1006 9.5 0.3 5.5 0.3 2.9 sdr0906 (please refer to above figure) rating nominal inductance and code inductance tolerance dc resistance (max.) allowable dc current (max.) sdr0603 1.5 ? 1r5 0.040 ? 3.00 a 2.5 ? 2r5 0.045 ? 2.35 a 3.9 ? 3r9 0.050 ? 2.10 a 5.0 ? 5r0 0.070 ? 1.60 a 6.8 ? 6r8 0.110 ? 1.38 a 7.5 ? 7r5 m ( 20%) 0.120 ? 1.29 a 10 ? 100 0.150 ? 1.14 a 12 ? 120 0.160 ? 1.02 a 15 ? 150 0.180 ? 0.93 a 18 ? 180 0.250 ? 0.82 a 22 ? 220 0.275 ? 0.75 a 27 ? 270 0.300 ? 0.67 a 33 ? 330 0.450 ? 0.61 a 39 ? 390 0.460 ? 0.56 a 47 ? 470 k ( 10%) 0.550 ? 0.52 a 56 ? 560 0.615 ? 0.48 a 68 ? 680 0.720 ? 0.44 a 82 ? 820 0.840 ? 0.40 a inductance l(h) type designation (how to order) sdr product code 0603 style sdr 0603 m inductance tolerance termination surface material t: sn l: sn/pb t *please see ?ackaging te taping* te: tape embossed 7 teb: tape embossed 13 bk: bulk te nominal inductance 3 digits (unit: ?) 1r5 1r5 inductance tolerance k: ?0% y: ?5% m: ?0% m inductors old part no. new part no. (pb-free) te: 400pcs/7?reel; teb: 1.500pcs/13 reel
inductors technology of tomorrow 65 europe gmbh ?kaddenbusch 6 ?d-25578 d?geling / itzehoe ?phone: +49 (0) 48 21/89 89-0 ?fax: +49 (0) 48 21/89 89 89 ?interne t: www.koaeurope.de specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. 10 ? 100 0.09 ? 2.10 a 12 ? 120 0.10 ? 2.00 a 15 ? 150 m ( 20%) 0.11 ? 1.90 a 18 ? 180 0.12 ? 1.80 a 22 ? 220 0.13 ? 1.60 a 27 ? 270 0.15 ? 1.40 a 33 ? 330 0.18 ? 1.25 a 39 ? 390 0.19 ? 1.15 a 47 ? 470 0.23 ? 1.10 a 56 ? 560 0.26 ? 1.05 a 68 ? 680 0.31 ? 1.00 a 82 ? 820 0.33 ? 0.95 a 100 ? 101 0.39 ? 0.90 a 120 ? 121 0.43 ? 0.85 a 150 ? 151 0.56 ? 0.75 a 180 ? 181 k ( 10%) 0.64 ? 0.70 a 220 ? 221 0.85 ? 0.60 a 270 ? 271 1.00 ? 0.55 a 330 ? 331 1.27 ? 0.50 a 390 ? 391 1.40 ? 0.45 a 470 ? 471 1.63 ? 0.40 a 560 ? 561 2.10 ? 0.32 a 680 ? 681 2.40 ? 0.28 a 820 ? 821 2.75 ? 0.24 a 1000 ? 102 3.50 ? 0.22 a 1200 ? 122 4.00 ? 0.20 a nominal inductance and code inductance tolerance dc resistance (max.) allowable dc current (max.) sdr0805 10 ? 100 0.07 ? 2.30 a 12 ? 120 0.08 ? 2.00 a 15 ? 150 m ( 20%) 0.09 ? 1.80 a 18 ? 180 0.10 ? 1.60 a 22 ? 220 0.11 ? 1.50 a 27 ? 270 0.12 ? 1.30 a 33 ? 330 0.14 ? 1.20 a 39 ? 390 0.16 ? 1.10 a 47 ? 470 0.20 ? 1.00 a 56 ? 560 0.24 ? 0.94 a 68 ? 680 0.30 ? 0.85 a 82 ? 820 0.37 ? 0.78 a 100 ? 101 k ( 10%) 0.45 ? 0.72 a 120 ? 121 0.48 ? 0.66 a 150 ? 151 0.68 ? 0.58 a 180 ? 181 0.77 ? 0.51 a 220 ? 221 0.96 ? 0.49 a 270 ? 271 1.11 ? 0.42 a 330 ? 331 1.26 ? 0.40 a 390 ? 391 1.77 ? 0.36 a 470 ? 471 1.96 ? 0.34 a nominal inductance and code inductance tolerance dc resistance (max.) allowable dc current (max.) sdr1006 10 ? 100 0.06 ? 2.60 a 12 ? 120 0.07 ? 2.45 a 15 ? 150 m ( 20%) 0.08 ? 2.25 a 18 ? 180 0.09 ? 2.15 a 22 ? 220 0.10 ? 1.95 a 27 ? 270 0.11 ? 1.75 a 33 ? 330 0.12 ? 1.50 a 39 ? 390 0.14 ? 1.35 a 47 ? 470 0.17 ? 1.25 a 56 ? 560 0.19 ? 1.15 a 68 ? 680 0.22 ? 1.10 a 82 ? 820 0.25 ? 1.00 a 100 ? 101 0.35 ? 0.97 a 120 ? 121 0.40 ? 0.89 a 150 ? 151 k ( 10%) 0.47 ? 0.78 a 180 ? 181 0.63 ? 0.72 a 220 ? 221 0.73 ? 0.66 a 270 ? 271 0.97 ? 0.57 a 330 ? 331 1.15 ? 0.52 a 390 ? 391 1.30 ? 0.48 a 470 ? 471 1.48 ? 0.42 a 560 ? 561 1.90 ? 0.33 a 680 ? 681 2.25 ? 0.28 a 820 ? 821 2.55 ? 0.24 a nominal inductance and code inductance tolerance dc resistance (max.) allowable dc current (max.) sdr0906 nominal inductance and code inductance tolerance dc resistance (max.) allowable dc current (max.) sdr0604 3.3 ? 3r3 0.060 ? 2.00 a 3.9 ? 3r9 0.065 ? 1.90 a 4.7 ? 4r7 0.070 ? 1.80 a 5.6 ? 5r6 m ( 20%) 0.075 ? 1.70 a 6.8 ? 6r8 0.080 ? 1.60 a 8.2 ? 8r2 0.090 ? 1.50 a 10 ? 100 0.100 ? 1.45 a 12 ? 120 0.120 ? 1.40 a 15 ? 150 0.140 ? 1.30 a 18 ? 180 y ( 15%) 0.150 ? 1.25 a 22 ? 220 0.190 ? 1.10 a 27 ? 270 0.220 ? 1.00 a 33 ? 330 0.250 ? 0.88 a 39 ? 390 0.320 ? 0.80 a 47 ? 470 0.370 ? 0.72 a 56 ? 560 0.420 ? 0.68 a 68 ? 680 0.520 ? 0.62 a 82 ? 820 k ( 10%) 0.600 ? 0.58 a 100 ? 101 0.700 ? 0.52 a 120 ? 121 0.930 ? 0.48 a 150 ? 151 1.100 ? 0.40 a 180 ? 181 1.380 ? 0.38 a 220 ? 221 1.570 ? 0.35 a ferrite core power choke coil sdr inductors teb: 600pcs/13?reel teb: 800pcs/13?reel te: 400pcs/7?reel; teb: 1.500pcs/13 reel teb: 1.000pcs/13?reel


▲Up To Search▲   

 
Price & Availability of SDR0603KTE330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X